PART |
Description |
Maker |
APT17F80S APT17F80B |
Power FREDFET; Package: D3 [S]; ID (A): 18; RDS(on) (Ohms): 0.58; BVDSS (V): 800; 18 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD
|
Microsemi, Corp. MICROSEMI POWER PRODUCTS GROUP
|
IRFD320 FN2325 |
500 mA, 400 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET 0.5A 400V 1.800 Ohm N-Channel Power MOSFET 0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET From old datasheet system 0.5A/ 400V/ 1.800 Ohm/ N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
RFH10N50 RFH10N45 |
CAP 1000PF 200V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10 A, 450 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218AC
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRFR320 IRFU320 FN2412 IRFR3209A |
3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA 3.1 A, 400 V, 1.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA From old datasheet system 3.1A 400V 1.800 Ohm N-Channel Power MOSFETs 3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs 0.4A, 400V, 3.607 Ohm,N-Channel PowerMOSFET(15A, 50V, 0.150 惟,N娌??澧?己?????OS?烘?搴??)
|
INTERSIL[Intersil Corporation] HARRIS SEMICONDUCTOR
|
JANSR2N7402 FN4374 |
3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET From old datasheet system 3A, 500V, 2.70 Ohm, Rad Hard, Channel Power MOSFET 3A/ 500V/ 2.70 Ohm/ Rad Hard/ N-Channel Power MOSFET 3 A, 500 V, 2.7 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-257AA
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
SFF11N80B |
11 AMP / 800 Volts 0.95 ohm N-Channel Power MOSFET 11 A, 800 V, 0.95 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Solid State Devices, Inc.
|
MCR100JZHFL MCR100 MCR100JZHFS0.068OHM MCR100JZHFS |
Low Ohmic Thick Film Chip Resistors RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 800 ppm, 0.068 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 800 ppm, 0.047 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 5 %, 800 ppm, 0.068 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 5 %, 800 ppm, 0.047 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 800 ppm, 0.082 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 5 %, 800 ppm, 0.056 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 1 %, 800 ppm, 0.056 ohm, SURFACE MOUNT, 2512 CHIP RESISTOR, METAL GLAZE/THICK FILM, 1 W, 5 %, 800 ppm, 0.082 ohm, SURFACE MOUNT, 2512 CHIP
|
Rohm
|
STP6NK50Z STD6NK50ZT4 STF6NK50Z STD6NK50Z |
N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK N-CHANNEL 500V - 0.98 OHM - 5.6A TO-220 / TO-220FP / DPAK ZENER-PROTECTED SUPERMESH MOSFET N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FSF450R4 FSF450D FSF450D1 FSF450D3 FSF450R FSF450R |
9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs 9 A, 500 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FQI12N50 FQB12N50 FQB12N50TMAM002 |
500V N-Channel MOSFET 12.1 A, 500 V, 0.49 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel QFET
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MDF16N50G |
N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)
|
MagnaChip Semiconductor...
|
|